Part Number Hot Search : 
0765R BUZ10L X230CPP DS1841T MMSZ36T1 TIC22 754607 42LN5300
Product Description
Full Text Search
 

To Download TPES24-24005-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac/dc external desktop adapter universal input single & multiple output 24-26 watts switching power supplies tpes24 series features: universal input desktop iec320 ac receptacle meet universal safety standards emi meet en 55022/ fcc class b ce marking compliance specification input specification input voltage: 90-264vac typical. input connector: iec320-3p dt7 type ac inlet receptacle. input frequency: 47-63hz. inrush current: 25a @230vac typical. input current: 0.34a @115vac typical. 0.17a @230vac typical. dielectric withstand: meet iec60950. emi: meet en 55022 / fcc class b. hold-up time: 15ms @115vac typical. 60ms @230vac typical. output specification output voltage: see ratings chart. output current: see ratings chart. output wattage: 24-26 watts typical. output connector & cord: optional. line regulation: 0.1-0.2% typical. load regulation: main o/p vo1 1.5-3.0% typical. aux. o/p vo2 2.5-4.0% typical. aux. o/p vo3 3.0-6.0% typical. noise & ripple: 1.0% typical peak to peak. ovp: built-in at main vo1 only zener diode clamping. overload protection (olp): fully protected against output overload and short circuit. olp set at about 125-150% rating output wattage. consult the factory for olp setting. general specification efficiency: 78% typical. switching frequency: approximate 60k hz. circuit topology: fixed frequency flyback circuit. transient response: output voltage returns in less than 3ms following a 25% load change. safety standard: meet ul1950/en60950 class i. power density: 1.89 watts / cubic inch. operating temperature: 0 to +25/35/40c without derating. (various with output voltage) storage temperature: -20 to +85c. temperature coefficient: 0.04%/c typical. cooling: free air convection. construction: impact resistant thermo-plastic enclosure case. desktop format. note: (1) all measurements are at nominal input, full load, and +25c unless otherwise specified. (2) load regulation is measured at 115vac or 230vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (unit %). for the multi-output, the main output remains 50% load and other aux. output remains 20% load. (3) the exact obtainable load regulation depends upon the output load current & cord selected. uppe r data are for 6 ft. (2 m) c ord awg#18 wires. (4) due to requests in market and advances in tec hnology, specifications subject to change without notice for the details of safety approval, please consult the factory. total power international, inc. toll free: 877-646-0900(us) ph# 978-453-7272 www.total-power.com total power international, inc.
model no. description: tpes24 - xxx yy - n2n3 aux. output set output current output voltage series name ( total power external switcher): about 24w output voltage/current ratings chart mechanical dimensions: mm [inches] weight: 330.0g (11.6 oz.) [null] for single output [a]+5v, [b[+12v, [c]+ 15v, [d]+18v, [e]+24v, [f]-5v, [g]-12v, [h]-15v, [i] -18v, [j] ?24v single output (model no. for example) model no. o/p voltage o/p current tpes24-05040 5.0vdc 4.0a tpes24-07527 7.5vdc 2.7a tpes24-12020 12.0vdc 2.0a tpes24-15016 15.0vdc 1.6a tpes24-18013 18.0vdc 1.3a tpes24-24010 24.0vdc 1.0a tpes24-30008 30.0vdc 0.8a single output defined output voltage (vdc) output voltage(vdc)/current (a) 5.0vdc any voltage 15.0vdc 5.0v/4.0a, 5.5v/3.7a, 6.0v/3.5a, 6.5v/3.2a, 7.0v/3.0a, 7.5v/2.7a, 8.0v/2.5a, 8.5v/2.4a, 9.0v/2.3a, 9.5v/2.2a, 10.0-11.0v/2.1a, 11.5-12.0v/2.0a, 13.0v/1.8a, 13.5-14.0v/1.7a, 14.5-15.0v/1.6a. 15.0vdc any voltage 30.0vdc 15.5-16.0v/1.5a, 16.5-17.0v/1.4a, 17.5-18.0v/1.3a, 18.5-20.0v/1.2a, 20.5-22.0v/1.1a, 22.5-24.0v/1.0a, 24.5-26.5v/0.9a, 27.0-30.0v/0.8a. note: refer to the upper chart, or specify the v/a ratings and consult factory for the exact model no. dual output output rail output volt.(vdc)/ amp.(a) main o/p vo1 5-24v/2.0-0.5a. max.watts.10 ~12w aux. o/p vo2 5,12,15,18,24v/2.0-0.5a. max.watts.12 ~18w dual output (model no. for example) main o/p vo1 aux. o/p vo2 model no. volt. typ. volt. typ. tpes24-05015-b +5vdc 1.5a +12vdc 1.5a tpes24-12010-g +12vdc 1.0a -12vdc 1.0a tpes24-15008-h +15vdc 0.8a -15vdc 1.2a TPES24-24005-G +24vdc 0.5a -12vdc 1.0a symbol: " " ovp built-in. " " double feedback triple output (model no. for example) main o/p vo1 aux. o/p vo2 U aux. o/p vo3 model no. volt. typ. volt. typ. volt. typ. tpes24-05030-bg +5vdc 3.0a +12vdc 0.50a -12vdc 0.250a tpes24-05030-bh +5vdc 3.0a +12vdc 0.50a -15vdc 0.200a tpes24-05030-ej +5vdc 3.0a +24vdc 0.25a -24vdc 0.125a symbol: " " ovp built-in. " " double feedback. triple output output rail output volt. (vdc)/ amp.(a) main o/p vo1 +5-20v/3.0-0.60a. max. watts:12- 15.0w aux. o/p +vo2 +5,12,15,18,24v/1.2-0.25a. max. watts: 6.0w aux. o/p -vo3 -5,12,15,18,24v/0.6-0.125a. max. watts: 3.0w 7rwdo3rzhu,qwhuqdwlrqdo,qf7roo)uhh 86 3+zzzwrwdosrzhufrp 7rwdo3rzhu,qwhuqdwlrqdo,qf


▲Up To Search▲   

 
Price & Availability of TPES24-24005-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X